Part Number Hot Search : 
X6989D SAB10 HMCS47CL FPF2124 1N4741 CY7C196 1N6373 100200
Product Description
Full Text Search
 

To Download 1PMT5920B05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1PMT5920B Series 3.2 Watt Plastic Surface Mount POWERMITE(R) Package
This complete new line of 3.2 Watt Zener Diodes are offered in highly efficient micro miniature, space saving surface mount with its unique heat sink design. The POWERMITE package has the same thermal performance as the SMA while being 50% smaller in footprint area and delivering one of the lowest height profiles (1.1 mm) in the industry. Because of its small size, it is ideal for use in cellular phones, portable devices, business machines and many other industrial/consumer applications.
Features http://onsemi.com
PLASTIC SURFACE MOUNT 3.2 WATT ZENER DIODES 6.2 - 47 VOLTS
1 1: CATHODE 2: ANODE 2
* * * * * * * * * * * * *
Zener Breakdown Voltage: 6.2 - 47 V DC Power Dissipation: 3.2 W with Tab 1 (Cathode) @ 75C Low Leakage < 5 mA ESD Rating of Class 3 (> 16 kV) per Human Body Model Low Profile - Maximum Height of 1.1 mm Integral Heat Sink/Locking Tabs Full Metallic Bottom Eliminates Flux Entrapment Small Footprint - Footprint Area of 8.45 mm2 Supplied in 12 mm Tape and Reel T1 = 3,000 Units per Reel T3 = 12,000 Units per Reel Lead Orientation in Tape: Cathode (Short) Lead to Sprocket Holes POWERMITE is JEDEC Registered as DO-216AA Cathode Indicated by Polarity Band Pb-Free Packages are Available
1
2
POWERMITE CASE 457 PLASTIC
MARKING DIAGRAM
1 CATHODE
M xxBG G
2 ANODE
Mechanical Characteristics CASE: Void-free, transfer-molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are
M xxB G
readily solderable
MOUNTING POSITION: Any MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
= Date Code = Specific Device Code (See Table on Page 2) = Pb-Free Package
260C for 10 Seconds
ORDERING INFORMATION
Device 1PMT59xxBT1 Package Shipping
POWERMITE 3,000/Tape&Reel 3,000/Tape&Reel
1PMT59xxBT1G POWERMITE (Pb-Free) 1PMT59xxBT3
POWERMITE 12,000/Tape&Reel
1PMT59xxBT3G POWERMITE 12,000/Tape&Reel (Pb-Free)
Individual devices are listed on page 2 of this data sheet.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2005
1
July, 2005 - Rev. 3
Publication Order Number: 1PMT5920B/D
1PMT5920B Series
MAXIMUM RATINGS
Rating DC Power Dissipation @ TA = 25C (Note 1) Derate above 25C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Lead (Anode) Maximum DC Power Dissipation (Note 2) Thermal Resistance from Junction-to-Tab (Cathode) Operating and Storage Temperature Range Symbol PD RqJA RqJanode PD RqJcathode TJ, Tstg Value 500 4.0 248 35 3.2 23 -55 to +150 Unit mW mW/C C/W C/W W C/W C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Mounted with recommended minimum pad size, PC board FR-4. 2. At Tab (Cathode) temperature, Ttab = 75C
ELECTRICAL CHARACTERISTICS (TL = 25C unless otherwise noted, VF = 1.5 V Max. @ IF = 200 mAdc for all types)
Symbol VZ IZT ZZT IZK ZZK IR VR IF VF Parameter Reverse Zener Voltage @ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Current Maximum Zener Impedance @ IZK Reverse Leakage Current @ VR Reverse Voltage Forward Current Forward Voltage @ IF VZ VR
I IF
IR VF IZT
V
Zener Voltage Regulator
ELECTRICAL CHARACTERISTICS (TL = 30C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Zener Voltage (Note 3) Device Marking 20B 21B 22B 23B 24B 25B 27B 29B 30B 31B 33B 34B 35B 36B 39B VZ @ IZT (Volts) Min 5.89 6.46 7.12 7.79 8.64 9.5 11.4 14.25 15.2 17.1 20.9 22.8 25.65 28.5 37.05 Nom 6.2 6.8 7.5 8.2 9.1 10 12 15 16 18 22 24 27 30 39 Max 6.51 7.14 7.88 8.61 9.56 10.5 12.6 15.75 16.8 18.9 23.1 25.2 28.35 31.5 40.95 IZT (mA) 60.5 55.1 50 45.7 41.2 37.5 31.2 25 23.4 20.8 17 15.6 13.9 12.5 9.6 IR @ VR (mA) 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 VR (V) 4.0 5.2 6.0 6.5 7.0 8.0 9.1 11.4 12.2 13.7 16.7 18.2 20.6 22.8 29.7 ZZT @ IZT (Note 4) (W) 2.0 2.5 3.0 3.5 4.0 4.5 6.5 9.0 10 12 17.5 19 23 28 45 ZZK @ IZK (Note 4) (W) 200 200 400 400 500 500 550 600 600 650 650 700 700 750 900 IZK (mA) 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Device* 1PMT5920BT1, T3,G 1PMT5921BT1, T3,G 1PMT5922BT1, T3,G 1PMT5923BT1, T3,G 1PMT5924BT1, T3,G 1PMT5925BT1, T3,G 1PMT5927BT1, T3,G 1PMT5929BT1, T3,G 1PMT5930BT1, T3,G 1PMT5931BT1, T3,G 1PMT5933BT1, T3,G 1PMT5934BT1, T3,G 1PMT5935BT1, T3,G 1PMT5936BT1, T3,G 1PMT5939BT1, T3,G
1PMT5941BT1, T3,G 41B 44.65 47 49.35 8.0 1.0 35.8 67 1000 0.25 3. Zener voltage is measured with the device junction in thermal equilibrium with an ambient temperature of 25C. 4. Zener Impedance Derivation ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz. * The "G" suffix indicates Pb-Free package available.
http://onsemi.com
2
1PMT5920B Series
TYPICAL CHARACTERISTICS
P D , MAXIMUM POWER DISSIPATION (W) 3.5 3 2.5 2 1.5 1 0.5 0 25 50 75 100 125 150 175 T, TEMPERATURE (C) 0.1 5 6 9 10 7 8 VZ, ZENER VOLTAGE (VOLTS) 11 TL 100 IZ, ZENER CURRENT (mA)
10
1
Figure 1. Steady State Power Derating
qVZ, TEMPERATURE COEFFICIENT (mV/C) 100 IZ , ZENER CURRENT (mA) 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 10 20 30 40 50 60 70 80 VZ, ZENER VOLTAGE (VOLTS) 90 100 10 8 6 4 2 0 -2 -4 2 4 VZ @ IZT
Figure 2. VZ to 10 Volts
6 8 10 VZ, ZENER VOLTAGE (VOLTS)
12
Figure 3. VZ = 12 thru 47 Volts
qVZ, TEMPERATURE COEFFICIENT (mV/C) 200 VZ @ IZT 100 70 50 30 20
Figure 4. Zener Voltage - To 12 Volts
Z Z , DYNAMIC IMPEDANCE (OHMS)
200 IZ(dc) = 1mA 100 70 50 30 20 10 7 5 3 2 5 7 10 mA
20 mA
iZ(rms) = 0.1 IZ(dc) 70 100
10 10 20 30 50 70 100 VZ, ZENER VOLTAGE (VOLTS) 200
10 20 30 50 VZ, ZENER VOLTAGE (VOLTS)
Figure 5. Zener Voltage - 14 To 47 Volts
Figure 6. Effect of Zener Voltage
http://onsemi.com
3
1PMT5920B Series
Z Z , DYNAMIC IMPEDANCE (OHMS) 1k 500 200 100 50 20 10 5 2 1 0.5 1 22 V 6.8 V 2 5 10 20 50 100 200 500 IZ, ZENER TEST CURRENT (mA) 12 V TJ = 25C iZ(rms) = 0.1 IZ(dc)
Figure 7. Effect of Zener Current
10,000
C, CAPACITANCE (pF)
1000 MEASURED @ 0 V BIAS MEASURED @ 50% VR 100
10 1 10 VZ, REVERSE ZENER VOLTAGE (VOLTS) 100
Figure 8. Capacitance versus Reverse Zener Voltage
http://onsemi.com
4
1PMT5920B Series
OUTLINE DIMENSIONS
POWERMITE) CASE 457-04 ISSUE D
-A-
C J S
F 0.08 (0.003)
M
TB
S
C
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. DIM A B C D F H J K L R S MILLIMETERS INCHES MIN MAX MIN MAX 1.75 2.05 0.069 0.081 1.75 2.18 0.069 0.086 0.85 1.15 0.033 0.045 0.40 0.69 0.016 0.027 0.70 1.00 0.028 0.039 -0.05 +0.10 -0.002 +0.004 0.10 0.25 0.004 0.010 3.60 3.90 0.142 0.154 0.50 0.80 0.020 0.031 1.20 1.50 0.047 0.059 0.50 REF 0.019 REF
TERM. 1
-B- K
TERM. 2
R L J H -T- 0.08 (0.003)
M
D TB
S
C
S
SOLDERING FOOTPRINT*
0.635 0.025 2.67 0.105 0.762 0.030
2.54 0.100
1.27 0.050
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
1PMT5920B Series
POWERMITE is a registered trademark of and used under a license from Microsemi Corporation.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
1PMT5920B/D


▲Up To Search▲   

 
Price & Availability of 1PMT5920B05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X